PART |
Description |
Maker |
43879-0036 43879-0047 43879-0051 |
Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,COMPLIANT FIT Terminal,LOCKING 10 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MF Jr BMI CPI .094PCB 10Ckt Tin/Lead 10 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MF Jr BMI CPI Hdr .094PCB 18Ckt Tin/Lead 18 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex, Inc.
|
14202 |
POWER TERMINAL 10-PIN, METRIC THREAD.100x300 GRID
|
Winchester Electronics Corporation
|
120-1372 120-1372-02-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
H2103-01 H2102-01 H2101-01 |
0.95mm Terminal Pin, Double-ended, for 3.2mm panel thickness BRASS, TIN OVER NICKEL FINISH, PCB TERMINAL
|
Harwin Plc
|
121-27296-04-260 121-27296-2 121-27296-4 121-27296 |
POWER TERMINAL WITH INSULATOR 125 x 250 GRID - 6PIN POWER TERMINAL WITH INSULATOR .125 X .250 GRID - 6 PIN
|
Winchester Electronics Corporation Winchester Electronics ...
|
546-99-108-12-101-036 546-91-108-12-101-035 546-91 |
Pin Grid Array sockets Press-fit terminations 针栅阵列插座压接端子
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
FGR3000FX-90DA |
HIGH POWER INVERTER USE PRESS PACK TYPE 大功率逆变器使用的新闻包装 MITSUBISHI REVERSE-CONDUCTING GTO THYRISTORS HIGH POWER INVERTER USE PRESS PACK TYPE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
PL-KP2-00-000-16 |
RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
|
JDS Uniphase Corporation
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|